Part Number Hot Search : 
74HC368D SK310 03952 MJ16012 SW70N10V M74VHC AMN11112 W91531LN
Product Description
Full Text Search
 

To Download 1020B5812-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated antenna solutions  product specifcation ae030090-a flavus gsm snap-in antenna product specifcation 1 features designed for gsm applications [800/900/1800/1900 mhz] intended for snap-in mounting supplied in trays 2 description the flavus antenna is intended for use with all gsm applications. the antenna is a quarterwave type. the antenna uses plastic snap ins to attach to the pcb, no need for soldering. 3 application gsm modules cell phones vehicle tracking ? ? ? ? ? ?
integrated antenna solutions  product specifcation ae030090-a flavus gsm snap-in antenna contents 1 features  2 description  3 application  4 model name 3 5 general data 3 6 electrical characteristics 3 7 electrical performance 4 7.1 voltage standing wave ratio 4 7.2 radiation patterns 4 8 antenna dimensions 5 9 antenna footprint 5 10 electrical interface 6 10.1 transmission line and matching 6 10.2 test board dimensions 6 10.3 test board matching 7 11 reliability 7 11.1 temperature and humidity 7 11.2 mechanical 7 11.3 miscellaneous 8 11.4 judgement standard 8 12 hazardous material regulation conformance 8 13 application example 9 14 packaging 1 0 14.1 shelf storage recommendation 1 0 14.2 packaging characteristics 1 0 14.3 tray dimension 1 0 14.4 box dimension 1 0 14.5 label information 1 0
integrated antenna solutions 3 product specifcation ae030090-a flavus gsm snap-in antenna 4 model name 10 20 b5812 - xx antenna family -snap-in t echnolog y -plastic carrier drawing no . pcb thickness 01 = 0.8 mm 02 = 1.0 mm 03 = 1.2 mm 04 = 1.6 mm 05 = 1.8 mm 5 general data product name flavus gsm article no. 1020b5812-01..05 frequency 880-960 mhz, 1710-1990 mhz polarization linear operating temperature -40 to + 85 degc impedance 50 ohm weight 0.6 gram antenna type snap-in 6 electrical characteristics characteristics conditions* gsm dcs pcs effciency > 65% > 68 % > 77% measured in 3d chamber ( near feld) vswr < 1:2.3 < 1:2.7 < 1:1.9 measured in network analyzer *note all data provided in this table are based on the antenova reference board
integrated antenna solutions 4 product specifcation ae030090-a flavus gsm snap-in antenna 7 electrical performance 7.1 voltage standing wave ratio 700 1500 2300 m hz vswr : 3:1 * hp9770 network analyzer : 7.2 radiation patterns xz- plane yz- plane gsm -20.00db -15.00db -10.00db -5.00d b 0 .00db 5 .00db 5 .00db 0de g 90de g 180de g 270de g theta 880(mhz ) 920(mhz ) 960(mhz ) dcs/pcs -35.00db -30.00db -25.00db -20.00db -15.00db -10.00db -5.00d b 0 .00db 5 .00db 5 .00db 0de g 90de g 180de g 270de g theta 1710(mhz ) 1795(mhz ) 1850(mhz ) 1880(mhz ) 1920(mhz ) 1990(mhz ) -20.0 0 -15.0 0 -10.0 0 -5.0 0 0.00 5.00 5.00 0de g 90de g 180de g 270de g theta 880(mhz ) 920(mhz ) 960(mhz ) -25.00d b -20.00d b -15.00d b -10.00d b -5.00db 0.00db 5.00db 5.00db 0de g 90deg 180deg 270deg thet a 1710(mhz) 1795(mhz) 1850(mhz) 1880(mhz) 1920(mhz) 1990(mhz)
integrated antenna solutions 5 product specifcation ae030090-a flavus gsm snap-in antenna 8 antenna dimensions l w w1 w2 h h1 f1 f2 t1 t2 t3 length width width width height height feed feed pcb 27.3 0.2 7.9 0.2 9.60.2 8.50.2 3.450.1 3.850.1 11.850.2 2.80.1 t10.05 1.350.2 1.30.1 dimensions in millimeters 9 antenna footprint f1 f2 f3 f4 s1 p1 p2 p3 p4 d1 d2 t* feed feed feed feed snap-in position position position position diameter diameter pcb 11.850.1 2.80.1 20.05 2.250.05 5.60.1 4.50.1 11.50.1 0.30.1 5.90.1 3.050.1 1.750.1 0.8, 1.0, 1.2, 1.6, 1.8 dimensions in millimeters
integrated antenna solutions 6 product specifcation ae030090-a flavus gsm snap-in antenna 10 electrical interface 10.1 transmission line and matching the matching network has to be individually designed using one, two or three components. w c opper area soldering pads tr ansparent area t c mat ching components t, w = unique dimensioning according to your pcb * c = inductor and capacitor values according to your specifc device* * antenova provides this service upon request 10.2 test board dimensions the testboard is designed for evaluation purposes for flavus gsm antenna. the card has the same size as a typical pcmcia card and is ftted with an sma connector.
integrated antenna solutions 7 product specifcation ae030090-a flavus gsm snap-in antenna 10.3 test board matching series induct or 2.2 nh shunt induc tor 10 nh the testboard is matched with above specifed component. note! the component value(s) will vary depending on size of pcb, surrounding components etc. 11 reliability 11.1 temperature and humidity item standard low high duration operating temperature en/iec 60068-2-2, test bd: dry heat -30 degc +90 degc - temperature cycling en/iec 60068-2-14, test na: change of temperature -30 degc +90 degc 100cycles / 10min storage life humidity en/iec 60068-2-1, test ca: damp heat +40 degc / 93% rh 96 h storage life low temperature en/iec 60068-2-1, test ad: cold -25 degc - 200 h storage life high temperature en/iec 60068-2-2, test bb: dry heat - + 90 degc 1000 h 11.2 mechanical item standard specifcation duration contact force antenna is mounted on reference board. and a pressure gauge is applied to antenna contact. drop test dummy weight: 150g height: 170cm one drop at each side, total drops: 6 vibration en/iec 60068-2-6, test fc (sinusoidal) acceleration spectral density:10-1000hz acceleration: 20m/s2 number of axes: 3 mutually perpendicular 5 cycles per axis
integrated antenna solutions 8 product specifcation ae030090-a flavus gsm snap-in antenna 11.3 miscellaneous item standard specifcation duration contact pad corrosion astm b117 so2 concentration: 25 ppm temperature : 25 deg c rh: 93% 96 hours 11.4 judgement standard the judgement of the above tests should be made as follows: visual inspection - normal appearance with no obvious deformation electrical inspection - the antenna satisfes the vswr specifcation throughout the gsm band mechanical inspection - acceptable contact force min. 0.5 n 12 hazardous material regulation conformance cadmium and cadmium compound. organic brominated compound (pbb, pbde) polychlorinated biphenyl (pcb) polychlorinated naphthalene (pcn) organic tin compound asbestos azo compound lead and lead compound mercury and mercury compound sexivalent chrome compound chlorinated paraffn (cp) mirex formaldehyde tetra-bromo-bisphenol-a-bis (tbbp-a-bis) 1. 2. 3.
integrated antenna solutions 9 product specifcation ae030090-a flavus gsm snap-in antenna 13 application example fig. 1 8 placement of antenna the antenna shall preferably be placed at the edge of the pcb oriented as above. other placements and orientations and size of groundplanes are possible, but will af fect the performance. avoid active components near the antenna. placement of gsm module or radio to avoid losses the module shall be placed as close to the antenna as possible. strip line the strip line must be dimensioned according to your specifc pcb. ( see fig 1). no crossing strip lines are allowed between the strip line and its ground plane. via connections to avoid spurious effects, via connections must be made to analogue ground. component matching component values are depending on antenna placement, pcb dimensions and location of other components. dc block might be needed depending on rf module confguration. clearance area avoid components and parts close to the antenna. alternate positioning the flavus gsm antenna can placed horisontally to the groundplane, but this position is less favourable then the recommended vertical placement, and will cause a decrease in performance. note ! incorrect implementation of the antenna will affect the performance. contact antenova for implementation services. 1. 2. 3. 4. 5. 6. 7. 8.
integrated antenna solutions 10 product specifcation ae030090-a flavus gsm snap-in antenna 14 packaging 14.1 shelf storage recommendation temperature -10 to +40 degree c humidity less than 75% rh shelf life 12 months storage place away from corrosive gas and direct sunlight 14.2 packaging characteristics quantity number of trays tray quantity 840 pcs / box 6 / box 140 pcs 14.3 tray dimension material: anti static plastic tray width [mm] w: 290 breadth [mm] b: 390 height [mm] h: 14 w h b 14.4 box dimension material: paper width [mm] w: 296 breadth [mm] b: 396 height [mm] h: 75 antenova ? anteno va 14.5 label information antenova ? anteno va
integrated antenna solutions  product specifcation ae030090-a www.antenova.com corporate headquarters antenova ltd. far field house albert road stow-cum-quy cambridge cb9 5ar tel: +44 (0) 1223 810600 fax: +44 (0) 1223 810650 email: info@antenova.com asia headquarters antenova asia ltd. 3f, no 10, alley 6, lane 45 poa shing road hsin tien city taipe county roc 23145 tel: +886 (0) 2 2917 6536 fax: +886 (0) 2 2910 6546 email: info@antenova.com europe charlotta olander uk/eu sales manager tel: +46 702 913731 email: lotta.olander@antenova.com america david nuti na sales manager tel: +1 214 668 0357 email: david.nuti@antenova.com asia cl lim vp sales asia tel: +886 (0) 931 201 318 email: cl.lim@antenova.com sales offces


▲Up To Search▲   

 
Price & Availability of 1020B5812-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X